Part Number Hot Search : 
2SA1774 301KD07X D133D EF1C509 16M86VBB LX5514LL DVFL28 L239E
Product Description
Full Text Search
 

To Download 30SMCJ60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0 SMCJ Series
3000W Surface Mount Transient Voltage Suppressor
P b Lead(Pb)-Free
Features:
* For surface mounted applications in order to optimize board space * Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition Rate (duty cycle):0.01% * Fast response time: typically less than 1.0ps from 0 Volts to BV for unidirectional types * Typical IR less than 1A above 10V * High temperature soldering: 250C/10 seconds at terminals * Plastic package has Underwriters Laboratory Flammability 94V-O
VOLTAGE 5.0 to 170 Volts Peak Pulse Power 3000 Watt
SMC(DO-214AB)
Mechanical Data:
* Case: JEDEC DO214AB. Molded plastic over glass passivated junction * Terminal: Solderable per MIL-STD-750, Method 2026 * Polarity: Color band denoted positive end (cathode) except Bidirectional * Standard Packaging: 16mm tape (EIA STD RS-481) * Weight: 0.21 gram DEVICES FOR BIPOLAR APPLICATION For Bidirectional use C or CA Suffix for types SMCJ5.0 thru types SMCJ170 (e.g. SMCJ5.0C , SMCJ170CA)Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS(TA=25C Unless otherwise specified) Rating
Peak Pulse Power Dissipation on 10/1000s waveform (Note 1,2,FIG.1) Peak Pulse Current of on 10/1000s waveform (Note 1,FIG.3) Peak Forward Surge Current,8.3ms Single Half Sine-Wave Superimposed on Rated Load,(JEDEC Method) (Note2, 3) Operating junction Temperature Range Storage Temperature Range
Symbol
PPPM IPPM IFSM TJ TSTG
Value
3000(Min)
SEE TABLE 1
Units
W A A C C
300 +150 -55 to +150
Notes : 1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25C per Fig.2. 2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal. 3. 8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
WEITRON
http://www.weitron.com.tw
1/4
03-Nov-06
3.0 SMCJ Series
3.0 SMCJ
DEVICE REVERSE BREAKDOWN BREAKDOWN REVERSE PEAK MAXIMUM TEST MARKING STANDVOLTAGE LEAKAGE VOLTAGE PULSE CLAMPING OFF CURRENT CODE VBR(V) VBR(V) VOLTAGE CURRENT @ VRWM VOLTAGE IT (mA) Ipp (A) @Ipp Vc(V) IR(A) MIN.@IT MAX.@IT UNI BI VRWM(V) RDE RDG RDK PDM PDP PDR PDT PDV PDX PDZ PEE PEG PEK PEM PEP PER PET PEV PEX PEZ PFE PFG PFK PFM PFP PFR PFT PFV PFX PFZ RGE PGG PGK PGM PGP PGR PGT PGV PGX PGZ PHE PHG PHK PHM PHP PHR DDE DDG DDK DDM DDP DDR DDT DDV DDX DDZ DEE DEG DEK DEM DEP DER DET DEV DEX DEZ DFE DFG DFK DFM DFP DFR DFT DFV DFX DFZ DGE DGG DGK DGM DGP DGR DGT DGV DGX DGZ DHE DHG DHK DHM DHP DHR 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 111.00 122.00 133.00 144.00 167.00 178.00 189.00 7.00 7.37 7.98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 326.1 291.3 267.9 250.0 232.6 220.6 208.3 194.8 176.5 164.8 150.8 139.5 129.3 123.0 115.4 108.7 102.7 92.6 84.5 77.1 71.3 66.1 62.0 56.3 51.6 46.5 43.2 41.3 38.8 36.4 34.4 32.1 31.0 29.1 26.5 24.8 23.8 21.9 20.5 18.5 16.9 15.5 14.4 12.3 11.6 10.9 800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
PART NUMBER UNI- POLAR BI-POLAR SMCJ5.0A SMCJ6.0A SMCJ6.5A SMCJ7.0A SMCJ7.5A SMCJ8.0A SMCJ8.5A SMCJ9.0A SMCJ10A SMCJ11A SMCJ12A SMCJ13A SMCJ14A SMCJ15A SMCJ16A SMCJ17A SMCJ18A SMCJ20A SMCJ22A SMCJ4A SMCJ26A SMCJ28A SMCJ30A SMCJ33A SMCJ36A SMCJ40A SMCJ43A SMCJ45A SMCJ48A SMCJ51A SMCJ54A SMCJ58A SMCJ60A SMCJ64A SMCJ70A SMCJ75A SMCJ78A SMCJ85A SMCJ90A SMCJ100A SMCJ110A SMCJ120A SMCJ130A SMCJ150A SMCJ160A SMCJ170A SMCJ5.0CA SMCJ6.0CA SMCJ6.5CA SMCJ7.0CA SMCJ7.5CA SMCJ8.0CA SMCJ8.5CA SMCJ9.0CA SMCJ10CA SMCJ11CA SMCJ12CA SMCJ13CA SMCJ14CA SMCJ15CA SMCJ16CA SMCJ17CA SMCJ18CA SMCJ20CA SMCJ22CA SMCJ24CA SMCJ26CA SMCJ28CA SMCJ30CA SMCJ33CA SMCJ36CA SMCJ40CA SMCJ43CA SMCJ45CA SMCJ48CA SMCJ51CA SMCJ54CA SMCJ58CA SMCJ60CA SMCJ64CA SMCJ70CA SMCJ75CA SMCJ78CA SMCJ85CA SMCJ90CA SMCJ100CA SMCJ110CA SMCJ120CA SMCJ130CA SMCJ150CA SMCJ160CA SMCJ170CA
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the V BR is + 10%
WEITRON
http://www.weitron.com.tw
2/4
03-Nov-06
3.0 SMCJ Series
RATINGS AND CHARACTERISTIC CURVES
Ratings andCharacteristic Curves(TA=25 unless otherwise noted)
100
PPPM-Peak Pulse Power (kW)
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage,%
Non-repetitive pulse waveform shown in Fig.3 TA = 25C
100
75
10
50
1
25
0.1
0
1.0 10s 100s 1.0ms 10ms
0.1
0
25
50
75
100
125
150
175
200
Fig.1 Peak Pulse Power Rating
150
td - Pulse Width
Fig.2 Pulse Derating Curve
10000
TA - Ambient Temperature (C)
IPPM - Peak Pulse Current,% IRSM
tr = 10sec.
Peak Value IPPM 100 Half ValueIPPM
CJ - Capacitance (pF)
Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
TJ = 25C
Unidirectional Bidirectional
1000
VR = 0
50
10/1000sec.Waveform as defined by R.E.A.
100
VR = Rated Stand-off Voltage f = 1MHz Vsig = 50mVp-p TJ = 25C
0
td
0 1.0 2.0 3.0 4.0
10
5
10
100
500
Fig.3 Pulse Waveform
100
300
t - Time(ms)
VWM - Reverse Stand-Off Voltage (V) Fig.4 Typical Junction Capacitance
Ptransient Thermal Impedance(i C/W)
IFSM,Peak Forward Surge Currnet (A)
8.3ms Single Half Sine-Wave (JEDEC Method)
250
10
200
1
150
0.1
0.00
0.01
0.1
1
10
100
1000
100 1 10 100
Fig.5 Type Transient ThermalImpedance
td - Pulse Duration (sec.)
Number of Cycles at 60 HZ Fig.6 Maximum Non-repetitive ForwardSurge current
WEITRON
http://www.weitron.com.tw
3/4
03-Nov-06
3.0 SMCJ Series
SMC Outline Dimension
SMC
Unit:mm
Dim
A B C D E G H J
Min
5.59 6.60 2.75 0.15 7.75 0.10 0.76 2.00
Max
6.22 7.11 3.18 0.31 8.13 0.20 1.52 2.62
WEITRON
http://www.weitron.com.tw
4/4
03-Nov-06


▲Up To Search▲   

 
Price & Availability of 30SMCJ60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X